Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM9743 Datasheet HTML 1Page - ATMEL Corporation ATSAM9743 Datasheet HTML 2Page - ATMEL Corporation ATSAM9743 Datasheet HTML 3Page - ATMEL Corporation ATSAM9743 Datasheet HTML 4Page - ATMEL Corporation ATSAM9743 Datasheet HTML 5Page - ATMEL Corporation ATSAM9743 Datasheet HTML 6Page - ATMEL Corporation ATSAM9743 Datasheet HTML 7Page - ATMEL Corporation ATSAM9743 Datasheet HTML 8Page - ATMEL Corporation ATSAM9743 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
ATSAM9743
1773B–DRMSD–11/02
Internal
Architecture
The highly-integrated architecture of the ATSAM9743 combines a specialized high-perfor-
mance RISC-based digital signal processor (DSP) and a general-purpose 16-bit CISC-based
control processor (P16). An on-chip memory management unit (MMU) allows the DSP and the
control processor to share an internal 24K x 16 Flash memory, 2K x 16 RAM, as well as
optional external ROM and/or RAM memory devices configured through the Ports & Flash
control registers.
An intelligent peripheral I/O interface function handles other I/O interfaces, such as the on-chip
MIDI UART and three timers, with minimum intervention from the control processor.
Four 16-bit I/O ports can have their bits individually configured as inputs or outputs, they can
also be assigned alternate functions such as external memory access (address, data and con-
trol signals), 8-bit parallel MIDI port, serial MIDI_IN/MIDI_OUT, and additional digital audio-
in/out.
See Table 2 on page 5 and Table 3 on page 6 for details.
Figure 2. Diagram of the Internal Architecture of the ATSAM9743
DSP Engine
The DSP engine operates on a frame-timing basis with the frame subdivided into 64 process
slots. Each process is itself divided into 16 microinstructions known as “algorithms”. Up to 32
DSP algorithms can be stored on-chip in the Alg RAM memory, allowing the device to be pro-
grammed for a number of audio signal generation/processing applications.
The DSP engine is capable of generating 64 simultaneous voices using algorithms such as
wavetable synthesis with interpolation, alternate loop and 24 dB resonant filtering for each
voice. Slots may be linked together (ML RAM) to allow implementation of more complex syn-
thesis algorithms.
A typical musical instrument application will use a little more than half the capacity of the DSP
engine for synthesis, thus providing state-of-the-art 38-voice synthesis polyphony. The
remaining processing power may be used for typical functions like reverberation, chorus, sur-
round effect, equalizer, etc.
Frequently accessed DSP parameter data are stored in five banks of on-chip RAM memory.
Sample data, which is accessed relatively infrequently, can be stored in the built-in Flash
P0[15:0]
P1[15:0]
P2[15:0]
P3[15:0]
CLBD
WSBD
DABD0
X1, X2, LFT
RESET
PDWN
CKOUT
Clock
&
PLL
P16
Processor
256 x 16 RAM
1K x 16 ROM
MIDI UART
3 x Timers
Standard ATSAM97xx
Control Registers
64-Slot DSP
with
Alogrithms in RAM
Memory
Manager
Unit
Flash
24K x 16
RAM
2K x 16
Ports & Flash
Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com