Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 13Page - NXP Semiconductors 98ASH70029A Datasheet HTML 14Page - NXP Semiconductors 98ASH70029A Datasheet HTML 15Page - NXP Semiconductors 98ASH70029A Datasheet HTML 16Page - NXP Semiconductors 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
6.1.3.1 EMC radiated emissions operating behaviors
Table 6. EMC radiated emissions operating behaviors for 44-pin LQFP package
Symbol
Description
Frequency
band (MHz)
Typ.
Unit
Notes
VRE1
Radiated emissions voltage, band 1
0.15–50
8
dBμV
1, 2
VRE2
Radiated emissions voltage, band 2
50–150
8
dBμV
VRE3
Radiated emissions voltage, band 3
150–500
8
dBμV
VRE4
Radiated emissions voltage, band 4
500–1000
5
dBμV
VRE_IEC
IEC level
0.15–1000
N
—
2, 3
1. Determined according to IEC Standard 61967-1, Integrated Circuits - Measurement of Electromagnetic Emissions, 150
kHz to 1 GHz Part 1: General Conditions and Definitions and IEC Standard 61967-2, Integrated Circuits - Measurement of
Electromagnetic Emissions, 150 kHz to 1 GHz Part 2: Measurement of Radiated Emissions—TEM Cell and Wideband
TEM Cell Method. Measurements were made while the microcontroller was running basic application code. The reported
emission level is the value of the maximum measured emission, rounded up to the next whole number, from among the
measured orientations in each frequency range.
2. VDD = 5.0 V, TA = 25 °C, fOSC = 10 MHz (crystal), fSYS = 20 MHz, fBUS = 20 MHz
3. Specified according to Annex D of IEC Standard 61967-2, Measurement of Radiated Emissions—TEM Cell and Wideband
TEM Cell Method
Switching specifications
6.2.1 Control timing
Table 7. Control timing
Num
C
Rating
Symbol
Min
Typical1
Max
Unit
1
P
Bus frequency (tcyc = 1/fBus)
fBus
DC
—
20
MHz
2
C
Internal low power oscillator frequency
fLPO
—
1.0
—
KHz
3
D
External reset pulse width2
textrst
1.5 ×
tcyc
—
—
ns
4
D
Reset low drive
trstdrv
34 × tcyc
—
—
ns
5
D
BKGD/MS setup time after issuing background
debug force reset to enter user or BDM modes
tMSSU
500
—
—
ns
6
D
BKGD/MS hold time after issuing background
debug force reset to enter user or BDM modes3
tMSH
100
—
—
ns
7
D
IRQ pulse width
Asynchronous
path2
tILIH
100
—
—
ns
D
Synchronous path4
tIHIL
1.5 × tcyc
—
—
ns
8
D
Keyboard interrupt pulse
width
Asynchronous
path2
tILIH
100
—
—
ns
D
Synchronous path
tIHIL
1.5 × tcyc
—
—
ns
Table continues on the next page...
6.2
Switching specifications
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com