Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Table 11. XOSC and ICS specifications (temperature range = -40 to 105 °C for V part and -40
to 125 °C for M part ambient) (continued)
Num
C
Characteristic
Symbol
Min
Typical1
Max
Unit
8
D
Square wave
input clock
frequency
FEE or FBE mode2
fextal
0.03125
—
5
MHz
D
FBELP mode
0
—
20
MHz
9
P
Average internal reference frequency -
trimmed
fint_t
—
31.25
—
kHz
10
P
DCO output frequency range - trimmed
fdco_t
16
—
20
MHz
11
P
Total deviation
of DCO output
from trimmed
frequency5
Over full voltage and
temperature range
Δfdco_t
—
—
±2.0
%fdco
C
Over fixed voltage and
temperature range of 0 to
70 °C
±1.0
12
C
FLL acquisition time5, 7
tAcquire
—
—
2
ms
13
C
Long term jitter of DCO output clock
(averaged over 2 ms interval)8
CJitter
—
0.02
0.2
%fdco
1. Data in Typical column was characterized at 5.0 V, 25 °C or is typical recommended value.
2. When ICS is configured for FEE or FBE mode, input clock source must be divisible using RDIV to within the range of 31.25
kHz to 39.0625 kHz.
3. See crystal or resonator manufacturer's recommendation.
4. Load capacitors (C1,C2), feedback resistor (RF) and series resistor (RS) are incorporated internally when RANGE = HGO =
0.
5. This parameter is characterized and not tested on each device.
6. Proper PC board layout procedures must be followed to achieve specifications.
7. This specification applies to any time the FLL reference source or reference divider is changed, trim value changed, or
changing from FLL disabled (FBELP, FBILP) to FLL enabled (FEI, FEE, FBE, FBI). If a crystal/resonator is being used as
the reference, this specification assumes it is already running.
8. Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum fBus.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the FLL circuitry via VDD and VSS and variation in crystal oscillator frequency increase the CJitter percentage
for a given interval.
XOSC
EXTAL
XTAL
Crystal or Resonator
RS
C2
RF
C1
Figure 16. Typical crystal or resonator circuit
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
22
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com