| Electronic Components Datasheet Search |
|
98ASH70029A Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
98ASH70029A Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 36 page ![]() tICPW FTMCHn tICPW FTMCHn Figure 15. Timer input capture pulse Thermal specifications 6.3.1 Thermal characteristics This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic and voltage regulator circuits, and it is user- determined rather than being controlled by the MCU design. To take PI/O into account in power calculations, determine the difference between actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small. Table 10. Thermal characteristics Rating Symbol Value Unit Operating temperature range (packaged) TA1 TL to TH • -40 to 125 for M part • -40 to 105 for V part °C Junction temperature range TJ • -40 to 135 for M part • -40 to 125 for V part °C Thermal resistance single-layer board 44-pin LQFP RθJA 76 °C/W 32-pin LQFP RθJA 88 °C/W 20-pin SOIC RθJA 82 °C/W 20-pin TSSOP RθJA 116 °C/W 16-pin TSSOP RθJA 130 °C/W Thermal resistance four-layer board 44-pin LQFP RθJA 54 °C/W 32-pin LQFP RθJA 59 °C/W 20-pin SOIC RθJA 54 °C/W 20-pin TSSOP RθJA 76 °C/W 16-pin TSSOP RθJA 87 °C/W 6.3 Thermal specifications MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020 20 NXP Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |