Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 15Page - NXP Semiconductors 98ASH70029A Datasheet HTML 16Page - NXP Semiconductors 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TRACECLK
Tr
Twh
Tf
Tcyc
Twl
Figure 12. TRACE_CLKOUT specifications
Th
Ts
Ts
Th
TRACE_CLKOUT
TRACE_D[3:0]
Figure 13. Trace data specifications
6.2.3 FTM module timing
Synchronizer circuits determine the shortest input pulses that can be recognized or the
fastest clock that can be used as the optional external source to the timer counter. These
synchronizers operate from the current bus rate clock.
Table 9. FTM input timing
No.
C
Function
Symbol
Min
Max
Unit
1
D
External clock
frequency
fTCLK
0
fBus/4
Hz
2
D
External clock
period
tTCLK
4
—
tcyc
3
D
External clock
high time
tclkh
1.5
—
tcyc
4
D
External clock
low time
tclkl
1.5
—
tcyc
5
D
Input capture
pulse width
tICPW
1.5
—
tcyc
tTCLK
tclkh
tclkl
TCLK
Figure 14. Timer external clock
Switching specifications
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com