Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1. Maximum TA can be exceeded only if the user ensures that TJ does not exceed the maximum. The simplest method to
determine TJ is: TJ = TA + RθJA x chip power dissipation.
7 Peripheral operating requirements and behaviors
7.1 External oscillator (XOSC) and ICS characteristics
Table 11. XOSC and ICS specifications (temperature range = -40 to 105 °C for V part and -40
to 125 °C for M part ambient)
Num
C
Characteristic
Symbol
Min
Typical1
Max
Unit
1
C
Oscillator
crystal or
resonator
Low range (RANGE = 0)
flo
31.25
32.768
39.0625
kHz
C
High range (RANGE = 1)
FEE or FBE mode2
fhi
4
—
20
MHz
C
High range (RANGE = 1),
high gain (HGO = 1),
FBELP mode
fhi
4
—
20
MHz
C
High range (RANGE = 1),
low power (HGO = 0),
FBELP mode
fhi
4
—
20
MHz
2
D
Load capacitors
C1, C2
See Note3
3
D
Feedback
resistor
Low Frequency, Low-Power
Mode4
RF
—
—
—
MΩ
Low Frequency, High-Gain
Mode
—
10
—
MΩ
High Frequency, Low-
Power Mode
—
1
—
MΩ
High Frequency, High-Gain
Mode
—
1
—
MΩ
4
D
Series resistor -
Low Frequency
Low-Power Mode 4
RS
—
—
—
kΩ
High-Gain Mode
—
200
—
kΩ
5
D
Series resistor -
High Frequency
Low-Power Mode4
RS
—
—
—
kΩ
D
Series resistor -
High
Frequency,
High-Gain Mode
4 MHz
—
0
—
kΩ
D
8 MHz
—
0
—
kΩ
D
16 MHz
—
0
—
kΩ
6
C
Crystal start-up
time Low range
= 32.768 kHz
crystal; High
range = 20 MHz
crystal5, 6
Low range, low power
tCSTL
—
1000
—
ms
C
Low range, high power
—
800
—
ms
C
High range, low power
tCSTH
—
3
—
ms
C
High range, high power
—
1.5
—
ms
7
T
Internal reference start-up time
tIRST
—
20
50
µs
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com