Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 24 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Table 13. Flash timing characteristics (continued)
C
Characteristic
Symbol
fNVMOP cycle
fNVMBUS cycle
D
Erase Flash Block
tERSBLK
100060
4954
D
Erase Flash Sector
tERSPG
20015
878
D
Erase EEPROM Sector
tDERSPG
5015
756
D
Unsecure Flash
tUNSECU
100066
5442
D
Verify Backdoor Access Key
tVFYKEY
—
464
D
Set User Margin Level
tMLOADU
—
413
Program and erase operations do not require any special power sources other than the
normal VDD supply. For more detailed information about program/erase operations, see
the Memory section.
7.3 Analog
7.3.1 ADC characteristics
Table 14. 5 V 12-bit ADC operating conditions
Characteri
stic
Conditions
Symb
Min
Typ1
Max
Unit
Comment
Supply
voltage
Absolute
VDDA
2.7
—
5.5
V
—
Delta to VDD (VDD-VDDAD)
ΔVDDA
-100
0
+100
mV
Ground
voltage
Delta to VSS (VSS-VSSA)2
ΔVSSA
-100
0
+100
mV
Input
voltage
VADIN
VREFL
—
VREFH
V
Input
capacitance
CADIN
—
4.5
5.5
pF
Input
resistance
RADIN
—
3
5
kΩ
—
Analog
source
resistance
12-bit mode
•
fADCK > 4 MHz
•
fADCK < 4 MHz
RAS
—
—
—
—
2
5
kΩ
External to
MCU
10-bit mode
•
fADCK > 4 MHz
•
fADCK < 4 MHz
—
—
—
—
5
10
8-bit mode
(all valid fADCK)
—
—
10
ADC
conversion
clock
frequency
High speed (ADLPC=0)
fADCK
0.4
—
8.0
MHz
—
Low power (ADLPC=1)
0.4
—
4.0
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
24
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com