Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 26 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Table 15. 12-bit ADC Characteristics (VREFH = VDDA, VREFL = VSSA) (continued)
Characteristic
Conditions
C
Symb
Min
Typ1
Max
Unit
Supply current
Stop, reset, module
off
T
IDDA
—
0.011
1
µA
ADC asynchronous
clock source
High speed (ADLPC
= 0)
P
fADACK
2
3.3
5
MHz
Low power (ADLPC
= 1)
1.25
2
3.3
Conversion time
(including sample
time)
Short sample
(ADLSMP = 0)
T
tADC
—
20
—
ADCK
cycles
Long sample
(ADLSMP = 1)
—
40
—
Sample time
Short sample
(ADLSMP = 0)
T
tADS
—
3.5
—
ADCK
cycles
Long sample
(ADLSMP = 1)
—
23.5
—
Total unadjusted
Error2
12-bit mode
T
ETUE
—
±5.0
—
LSB3
10-bit mode
P
—
±1.5
±2.0
8-bit mode
P
—
±0.7
±1.0
Differential Non-
Linearity
12-bit mode
T
DNL
—
±1.0
—
LSB3
10-bit mode4
P
—
±0.25
±0.5
8-bit mode4
P
—
±0.15
±0.25
Integral Non-Linearity 12-bit mode
T
INL
—
±1.0
—
LSB3
10-bit mode
T
—
±0.3
±0.5
8-bit mode
T
—
±0.15
±0.25
Zero-scale error5
12-bit mode
C
EZS
—
±2.0
—
LSB3
10-bit mode
P
—
±0.25
±1.0
8-bit mode
P
—
±0.65
±1.0
Full-scale error6
12-bit mode
T
EFS
—
±2.5
—
LSB3
10-bit mode
T
—
±0.5
±1.0
8-bit mode
T
—
±0.5
±1.0
Quantization error
≤12 bit modes
D
EQ
—
—
±0.5
LSB3
Input leakage error7
all modes
D
EIL
IIn * RAS
mV
Temp sensor slope
-40°C– 25°C
D
m
—
3.266
—
mV/°C
25°C– 125°C
—
3.638
—
Temp sensor voltage 25°C
D
VTEMP25
—
1.396
—
V
1. Typical values assume VDDA = 5.0 V, Temp = 25°C, fADCK=1.0 MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
2. Includes quantization.
3. 1 LSB = (VREFH - VREFL)/2N
4. Monotonicity and no-missing-codes guaranteed in 10-bit and 8-bit modes
5. VADIN = VSSA
6. VADIN = VDDA
7. IIn = leakage current (refer to DC characteristics)
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
26
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com