Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors 98ASH70029A Datasheet HTML 11Page - NXP Semiconductors 98ASH70029A Datasheet HTML 12Page - NXP Semiconductors 98ASH70029A Datasheet HTML 13Page - NXP Semiconductors 98ASH70029A Datasheet HTML 14Page - NXP Semiconductors 98ASH70029A Datasheet HTML 15Page - NXP Semiconductors 98ASH70029A Datasheet HTML 16Page - NXP Semiconductors 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
IOH(mA)
VDD-VOH(V)
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
25
30
125°C
105°C
25°C
-40°C
Figure 5. Typical IOH Vs. VDD-VOH (high drive strength) (VDD = 3 V)
IOL(mA)
VOL(V)
0.0
0.1
0.2
0.3
0.4
0.5
1
2
3
4
5
6
125°C
105°C
25°C
-40°C
Figure 6. Typical IOL Vs. VOL (standard drive strength) (VDD = 5 V)
Nonswitching electrical specifications
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com