Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 14Page - NXP Semiconductors 98ASH70029A Datasheet HTML 15Page - NXP Semiconductors 98ASH70029A Datasheet HTML 16Page - NXP Semiconductors 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Table 7. Control timing (continued)
Num
C
Rating
Symbol
Min
Typical1
Max
Unit
9
C
Port rise and fall time -
standard drive strength
(load = 50 pF)5
—
tRise
—
10.2
—
ns
C
tFall
—
9.5
—
ns
C
Port rise and fall time -
high drive strength (load =
50 pF)5
—
tRise
—
5.4
—
ns
C
tFall
—
4.6
—
ns
1. Typical values are based on characterization data at VDD = 5.0 V, 25 °C unless otherwise stated.
2. This is the shortest pulse that is guaranteed to be recognized as a reset pin request.
3. To enter BDM mode following a POR, BKGD/MS must be held low during the powerup and for a hold time of tMSH after
VDD rises above VLVD.
4. This is the minimum pulse width that is guaranteed to pass through the pin synchronization circuitry. Shorter pulses may or
may not be recognized. In stop mode, the synchronizer is bypassed so shorter pulses can be recognized.
5. Timing is shown with respect to 20% VDD and 80% VDD levels, across operating temperature range.
textrst
RESET PIN
Figure 10. Reset timing
tIHIL
KBIPx
tILIH
IRQ/KBIPx
Figure 11. IRQ/KBIPx timing
6.2.2 Debug trace timing specifications
Table 8. Debug trace operating behaviors
Symbol
Description
Min.
Max.
Unit
tcyc
Clock period
Frequency dependent
MHz
twl
Low pulse width
2
—
ns
twh
High pulse width
2
—
ns
tr
Clock and data rise time
—
3
ns
tf
Clock and data fall time
—
3
ns
ts
Data setup
3
—
ns
th
Data hold
2
—
ns
Switching specifications
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
18
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com