Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 25 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
1. Typical values assume VDDA = 5.0 V, Temp = 25°C, fADCK=1.0 MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
2. DC potential difference.
ADC SAR
ENGINE
SIMPLIFIED
CHANNEL SELECT
CIRCUIT
SIMPLIFIED
INPUT PIN EQUIVALENT
CIRCUIT
Pad
leakage
due to
input
protection
ZAS
R AS
C AS
v
ADIN
v
AS
z
ADIN
R ADIN
R ADIN
R ADIN
R ADIN
INPUT PIN
INPUT PIN
INPUT PIN
C ADIN
Figure 17. ADC input impedance equivalency diagram
Table 15. 12-bit ADC Characteristics (VREFH = VDDA, VREFL = VSSA)
Characteristic
Conditions
C
Symb
Min
Typ1
Max
Unit
Supply current
ADLPC = 1
ADLSMP = 1
ADCO = 1
T
IDDA
—
133
—
µA
Supply current
ADLPC = 1
ADLSMP = 0
ADCO = 1
T
IDDA
—
218
—
µA
Supply current
ADLPC = 0
ADLSMP = 1
ADCO = 1
T
IDDA
—
327
—
µA
Supply current
ADLPC = 0
ADLSMP = 0
ADCO = 1
T
IDDAD
—
582
990
µA
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com