Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 14Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 15Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 16Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 17Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 18Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 19Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 20Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 21Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
T1024
XFI
EMI2
AQR105
10G Base-T
PHY
MDI
Magnetics
RJ46
Figure 2-6. XFI interface
2.7.3 SGMII support
The T1024 processor supports evaluation of the 2.5G SGMII protocol for serialized
Ethernet PHYs using Aquantia AQR105 PHY. Ethernet data is carried over the SGMII
interface.
The below figure shows the connectivity of the SGMII interface.
SGMII
SGMII
T1024
EMI2
Transformer
MDIO/MDC
RJ-46 Port
AQR105
Figure 2-7. SGMII interface
2.8 Ethernet controllers
The T1024 processor supports two Ethernet Controllers (EC), which can connect to
Ethernet PHYs using MII or RGMII protocols. On the T1024RDB, the EC1 and EC2
ports only operate in the RGMII mode. Both ports are connected to Realtek RTL8211
PHYs. The T1024RDB supports Energy Efficient Ethernet (EEE) on EC1 and sleep
mode on EC2.
The below figure shows the connectivity of the EC1/EC2 interface.
Ethernet controllers
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
18
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com