Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 29Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 30Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 31Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
The 16-pin generic header connector carries the COP/JTAG signals and additional
signals for system debugging. The pin-out of this connector is shown in the below figure.
Figure 2-19. 16-pin connector
The table below displays the connections made from T1024RDB COP connector.
Table 2-5. Connections made from the T1024RDB COP connector
Pin number
Signal name
Connection
1
TDO
Connected directly between the processor and JTAG/COP connector.
2
NC
Not connected.
3
TDI
Connected directly between the processor and JTAG/COP connector.
4
TRST
Routed to the RESET PLD. TRST to the processor is generated from the PLD.
5
NC
Not connected.
6
VDD_SENSE
Pulled to 3.3 V using a 10 Ohm resistor.
7
TCK
Connected directly between the processor and JTAG/COP connector.
8
CKSTP_IN
Connected directly between the processor and JTAG/COP connector.
9
TMS
Connected directly between the processor and JTAG/COP connector.
10
NC
Not connected.
11
SRESET
Routed to the RESET PLD. SRESET to the processor is generated from the PLD.
12
GND
Connected to ground.
13
HRESET
Routed to the RESET PLD. HRESET to the processor is generated from the PLD.
14
NC
Not connected.
15
CKSTP_OUT
Connected directly between the processor and JTAG/COP connector.
16
GND
Connected to ground.
2.18 Connectors, Headers, Jumper, Push buttons, and LEDs
This section explains:
• Connectors
Connectors, Headers, Jumper, Push buttons, and LEDs
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
28
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com