Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 29Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 30Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 31Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 32Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 33Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 34Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 35Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
POR & Override
switch
T1024
CPLD
CPLD Register
cfg_xxx
Figure 2-21. DIP switch definition
The table below shows how POR configuration is done through switches.
Table 2-11. POR configuration through switches
Switch
Signal name
Pin name
Signal meaning
Setting
SW1[1:8]
cfg_rcw_src[0:7]
IFC_AD[8:15]
Reset configuration word source
For details, see T1024 QorIQ
Integrated Multicore
Communications Processor
Data Sheet.
SW2[1]
cfg_rcw_src[8]
IFC_CLE
Reset configuration word source
For details, see T1024 QorIQ
Integrated Multicore
Communications Processor
Data Sheet.
SW2[2]
cfg_ifc_te
IFC_TE
IFC external transceiver enable
polarity select
0: IFC drives logic 1 for TE
assertion
1: IFC drives logic 0 for TE
assertion
SW2[3]
cfg_pll_config_sel
_b
IFC_A18
Reserved
Reserved
SW2[4]
cfg_por_ainit
IFC_A19
Reserved
Reserved
SW2[5:6]
cfg_svr[0:1]
IFC_A[16:17]
Reserved
Reserved
SW2[7]
cfg_dram_type
IFC_A21
DRAM type selection
Reserved
SW2[8]
cfg_rsp_dis
IFC_AVD
Reserved
Reserved
SW3[1]
cfg_eng_use0
IFC_WE0
Sys_clock selection
Reserved
SW3[2]
cfg_eng_use1
IFC_OE_N
ON (0): Choose 10G working
mode
OFF (1): Choose 2.5G working
mode
SW3[3]
cfg_eng_use2
IFC_WP_N
Reserved
SW3[4]
BOOT_FLASH_S
EL
-
Boot flash selection
0: NOR flash connects to CS0,
NAND flash connects to CS1
1:NOR flash connects to CS1,
NAND flash connects to CS0
SW3[5:7]
CFG_VBANK[0:2] -
NOR flash bank select
000: boot from VBANK0 with
RCW 0x095 for 10G XFI mode
Table continues on the next page...
DIP switch definition
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
32
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com