Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 15Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 16Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 17Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 18Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 19Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 20Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 21Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 22Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
RGMII
MDIO/MDC
RGMII
EMI1
(MAC4)
T1024
RGMII
EMI1
(MAC3)
RTL8211E_VB
RTL8211E_VB
Transformer
RGMII
MDIO/MDC
RJ-45 Port
RJ-45 Port
Transformer
Figure 2-8. EC1/EC2 interface connectivity
2.9 Ethernet Management Interface (EMI)
The T1024 processor has two Ethernet Management Interfaces (EMI), EMI1 and EMI2.
EMI2 is only used with 10G Base-T PHY and 2.5G SGMII PHY, which uses 1.2 V pull-
up. EMI1 is used with RGMII PHYs. There are two working modes in the T1024RDB-
PC. The following tables represents the configurations for 10GBase-T and 2.5G SGMII
working modes:
Working
mode
Image in
Flash
SW3 [1:8]
On = 0
SerDes
Protocal
ETH0
ETH1
ETH2
ETH3
PCIe Slot
10GBase-T Bank 0
(Default)
00100001
0x95
1G/100M
1G/100M
10G/
2.5G/1G
Disable
Enable
2.5G SGMII Bank4
01101001
0x135
1G/100M
Disable
Disable
2.5G
Disable
Working
mode
SerDes
Protocal
Lane A
Lane B
Lane C
Lane D
EC1
EC2
10GBase-T
0x95
XFI (MAC1)
PEXc
PEXb
PEXa
MAC4
MAC3
2.5G SGMII
0x135
Aurora
SGMII
(MAC3)
PEXb
PEXa
MAC4
N/A
The below figure shows the EMI hardware block diagram.
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com