Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 35Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 36Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 37Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 38Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 39Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 40Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 41Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 42Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
3.1.7 Interrupt Status Register (CPLD_INTSR)
NOTE
INTSR register is related with system IRQ0(CPLD_INT1_N)
signal, when interrupt occurs, IRQ0 will be logic 0 until all
interrupts of INTSR register clear.
Address: 0h base + 12h offset = 12h
Bit
0
1
2
3
4
5
6
7
Read THERM_INT
RTC_INT
XGT1_INT
XGT2_INT
Reserved
TDMR1_INT TDMR2_INT
Write
Reset
0
0
0
0
0
0
0
0
CPLD_INTSR field descriptions
Field
Description
0
THERM_INT
0
No interrupt occurs.
1
Board over temperature interrupt occurs.
1
RTC_INT
0
No interrupt occurs.
1
RTC interrupt occurs.
2
XGT1_INT
0
No reset occurs.
1
10G BASE-T PHY1(AQR105) interrupt occurs.
3
XGT2_INT
0
No reset occurs.
1
2.5G SGMII PHY1(AQR105) interrupt occurs.
4–5
-
This field is reserved.
6
TDMR1_INT
0
No reset occurs.
1
TDM riser card interrupt 1 occurs.
7
TDMR2_INT
0
No reset occurs.
1
TDM riser card interrupt 2 occurs.
Chapter 3 CPLD Specification
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com