Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 8Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 9Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 10Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 11Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 12Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 13Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 14Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 15Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
NOTE
1. Set RGMII limits to LVDD=2.5 V.
2. Supply PROG_SFP/PROG_MTR with 1.8 V only during
the secure boot fuse programming.
2.3 Deep sleep control
The T1024 processor has the ability to enter into the deep-sleep mode. Once the
processor has readied itself for the deep-sleep mode, setting the CPLD register
PWR_CTL[SLP] = 1 causes the power sequencer to begin an orderly shutdown of several
power supplies, while others remain active.
Once ready, PWR_MSTAT[STATE] will indicate the system is asleep. However, the
processor is already in the idle state, so this may not be needed by the system software.
Perform the following steps to send the T1024 processor to the deep-sleep mode:
• Prepare the CPLD to ignore the external signals. For example, some interrupt pins
will power down, so the CPLD masks these pins from presenting valid interrupts.
• Prepare the DDR subsystem for self-refresh by forcing RST_MEM_B high, forcing
the CKE# “clamp” FETs low.
• Gate the secondary powers to the DUT. Any power supply marked as “sleeps” in the
power section diagrams are enable-disable, or can be gated.
Once the above steps are completed, the system enters into the deep-sleep mode. The
system software has the timers or interrupt controllers programmed such that important
events can wake the processor (which will be powered only by VDDC) and can decide if
situations warrant returning to sleep, or activating full power.
2.4 Reset
The CPLD manages the reset signals to and from the T1024 processor and other devices
on the T1024RDB. The following figure shows an overview of the reset architecture.
Deep sleep control
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
12
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com