Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 29Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 30Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 31Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 32Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 33Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 34Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
2.19 Temperature
The T1024 processor has a thermal diode attached to the die for direct temperature
measurement. The diode pins are connected to a two-channel ADT7461 thermal monitor,
which allows direct reading of the temperature of the die and it is accurate to ±1 °C. The
second channel of the ADT7461 measures the ambient (board) temperature.
The ADT7461 temperature warning and alarm signals are connected to the CPLD for
monitoring. The CPLD uses these signals to adjust CPU fan speed and protect the CPU
from over-temperature failure.
OVER ALARM
Thermal Sensor
(ADT7461)
DXP1
DXN
ALERT/THERM2
THERM
I2C BUS
T1024
THERM ALARM
CPLD
FAN_Power
PWM
TEMP_ANODE
TEMP_CATHODE
Figure 2-20. Temperature
2.20 DIP switch definition
The T1024RDB board has user selectable switches, for evaluating different boot
configurations and other special configurations for this device.
This configuration allows either the switch or the CPLD register to set the POR pin. The
CPLD register allows software to override the pin remotely when the board is in the
board farm.
To use the CPLD override option, software sets an override bit, which allows the CPLD
to override the switch setting during power on reset.
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com