Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 31Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 32Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 33Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 34Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 35Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 36Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 37Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 38Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Chapter 3
CPLD Specification
This section explains the CPLD registers.
3.1 CPLD Memory Map/Register Definition
The table below shows the memory map for CPLD registers.
CPLD memory map
Offset
address
(hex)
Register name
Width
(in bits)
Access Reset value
Section/
page
0
Chip ID1 Register (CPLD_CHIPID1)
8
R
55h
3.1.1/36
1
Chip ID2 Register (CPLD_CHIPID2)
8
R
AAh
3.1.2/36
2
Hardware Version Register (CPLD_HWVER)
8
R
See section
3.1.3/36
3
Software Version Register (CPLD_SWVER)
8
R
See section
3.1.4/37
10
Reset Control Register (CPLD_RSTCON)
8
w1c
00h
3.1.5/37
11
Reset Control Register (CPLD_RSTCON2)
8
w1c
00h
3.1.6/38
12
Interrupt Status Register (CPLD_INTSR)
8
R
00h
3.1.7/39
13
Flash Control and Status Register (CPLD_FLHCSR)
8
R/W
See section
3.1.8/40
14
Fan Control and Status Register (CPLD_FANCSR)
8
R/W
0Fh
3.1.9/40
15
Panel LED Control and Status Register (CPLD_LEDCSR)
8
R/W
00h
3.1.10/41
16
SDHC Card Status Register (CPLD_SDSR)
8
R
See section
3.1.11/41
17
Miscellanies Control and Status Register (CPLD_MISCCSR)
8
R/W
See section
3.1.12/42
18
Boot Configuration Override Register (CPLD_BOOTOR)
8
R/W
00h
3.1.13/42
19
Boot Configuration Register 1 (CPLD_BOOTCFG1)
8
R/W
00h
3.1.14/43
19
Boot Configuration Register 2 (CPLD_BOOTCFG2)
8
R/W
00h
3.1.15/43
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com