Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 7Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 8Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 9Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 10Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 11Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 12Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 13Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 14Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
AVDD_SD1_PLL1
AVDD_SD1_PLL2
AVDD_D1
AVDD_PLAT
AVDD_CGA1
AVDD_CGA2
USB_SVDD[1:2]
USB_HVDD[1:2]
USB_OVDD[1:2]
S1VDD[1:7]
X1VDD[1:4]
T1024
O1VDD[1:3]
OVDD[1:6]
D1_MVREF
TH_VDD
FA_VL
PROG_MTR
PROG_SFP
EVDD1
CVDD1
DVDD[1:3]
LVDD[1:2]
L1VDD[1:2]
G1VDD[1:19]
VDD[1:31]
VDDC[1:12]
MAX3232*2
PCA9546
RTL8211E-VB
U33
RTL8211E-VB
U36
3V3
3V3
3V3_SLP
2V5_SLP
3V3
2V5
3V3
12V
3V3
12V
1V5
3V3
12V
TDM Riser Card
PCIEX1 SLOT
MINI PCIE SLOT*2
FAN Conn *4
DVDD(15/21)
AVDD/DVDD
DVDD(15/21)
AVDD/DVDD
VDD
VDD
1V8
MVREF
1V8
J11
VCORE
1V8_SLP
EVDD
3V3
3V3
2V5
2V5_SLP
1V35
VCORE
VCORE_SLP
3V3
1V8
1V8
3V3
VDD_SD
5V0_SLP
1V8_SLP
3V3_SLP
1V2
2V1
0V85
2V5
3V3
ICS843002
AQR105
EPM570
USB: Max1558H
IN
VDD SD Card
VCC/VCCQ
VIO
VCC
NOR FLASH
JS28F00AM29EWHA
NAND FLASH
MT29F8G08ABBAWP
SPI FLASH
MT25Q512ABA1ESF
VCC
MREF_SLP
VTT
3V3
1V35_SLP
1V8
VDD_SD
3V3
CPLD
VCORE_EN
VDD_EN
IOPWR_EN
DDRPWR_EN
EVDD_SEL
2V5
3V3
MVREF
1V8
1V8_SLP
1V8
VCORE
3V3
1V8
1V0S
1V35
1V35
0.33ohm
0.33ohm
5.1ohm
5.1ohm
5.1ohm
5.1ohm
BEAT
BEAT
BEAT
BEAT
BEAT
SVDD
XVDD
1V8_SLP
ATX PS
12V_SLP
5V0_SLP
VCORE_SLP (8A)
VCORE
1V35
1V8
(Switchable)
IR3475
5V0_SLP
VCORE_EN
5V0_SLP
5V0_SLP
5V0_SLP
5V0_SLP
IR3475
IR3473
IR3475
TPS51200
IR3473
1V35_SLP
1V8_SLP
VDD_EN
IR3473
MIC47100
1V0S
VTT
MVREF_SLP
IOPWR_EN
(Always_On)
2V5_SLP(2A)
1V5 (1.5A)
(Switchable)
IOPWR_EN
5V0_SLP
IOPWR_EN
5V0_SLP
IOPWR_EN
5V0_SLP
IOPWR_EN
1V8
EVDD_EN
12V_SLP
IOPWR_EN
12V
3V3
EVDD
2V1 (3A)
(Switchable)
1V2 (3A)
0V85 (3A)
(Switchable)
1V8_SLP
1V8_SLP
3V3_SLP
3V3
3V3_SLP
ADT7461
(Thermal sensor)
AT24C256
(I2C EEPROM)
DS1339
(RTC)
IDT9FGV0641
(CLK Buffer)
24M OSC
USB_refclk
66.67M OSC
DDR_refclk
100M OSC
Sys_refclk
IR3473
IR3473
IR3473
5V0_SLP
1V8
1V8_SLP
IOPWR_EN
(Always_On)
3V3_SLP(9A)
IOPWR_EN
(Always_On)
1V8_SLP(1.5A)
DDRPWR_EN
(Always_On)
1V35_SLP(4A)
VDD_EN
(Switchable)
DDRPWR_EN
VDD
VDD_SPD
VTT
VREFCA(DQ)
DDR3 DIMM
J10
J9
Figure 2-1. Power supply
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com