Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDB Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 10Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 11Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 12Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 13Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 14Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 15Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 16Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 17Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
SYSCLK (100MHz)
DDRCLK (100MHz)
USB_REFCLK (24MHz)
OSC-100MHz
OSC-66.66MHz
OSC-24MHz
T1024
SD_REFCLK1_P/N(156.25MHz or 125 MHz)
IDT9FGV0641
25MHz
SYS_REFCLK_P/N(100M)
SD_REFCLK1_P/N(100M)
PEX_REFCLK_P/N(100M)
MPEX1_REFCLK_P/N(100M)
MPEX2_REFCLK_P/N(100M)
IDT9FGV0641
DIFSYSCLK_OE(CPLD)
PEXCLK_OE(CPLD)
25MHz
M
I
N
I
P
E
X
S
L
O
T
P
E
X
S
L
O
T
M
I
N
I
P
E
X
S
L
O
T
Figure 2-3. Clock architecture
2.6 DDR
The T1024RDB supports high-speed DRAM, with an unbuffered DDR3 (240-pin) socket
(UDIMM) that features single-, dual-, and quad-rank support. The memory interface
includes all the necessary termination and I/O power, and it is routed to achieve
maximum performance by the memory bus, as shown in the following figure.
DDR
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
14
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com