Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 79 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 79 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 83Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
79
Rev. A12
08/04/2020
8.34 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h)) AND HARDWARE RESET
The Software Reset operation is used as a system reset that puts the device in normal operating mode. During the
Reset operation, the value of volatile registers will default back to the value in the corresponding non-volatile
register. This operation consists of two commands: Reset-Enable (RSTEN) and Reset (RST). The operation
requires the Reset-Enable command followed by the Reset command. Any command other than the Reset
command after the Reset-Enable command will disable the Reset-Enable.
Execute the CE# pin low  sends the Reset-Enable command (66h), and drives CE# high. Next, the host drives
CE# low again, sends the Reset command (99h), and pulls CE# high.
Only if the RESET# pin is enabled, Hardware Reset function is available.
For the device with HOLD#/RESET#, the RESET# pin will be solely applicable in SPI mode and when the QE bit =
“0”. For the device with dedicated RESET# (Dedicated RESET# Disable bit is “0” in Function Register), the RESET#
pin is always applicable regardless of the QE bit value in Status Register and HOLD#/RESET# selection bit (P7) in
Read Register in SPI/QPI mode.
In order to activate Hardware Reset, the RESET# pin (or ball) must be driven low for a minimum period of tRESET
(100ns). Drive RESET# low for a minimum period of tRESET will interrupt any on-going internal and external
operations, release the device from deep power down mode1, disable all input signals, force the output pin enter a
state of high impedance, and reset all the read parameters.
The required wait time after activating a HW Reset before the device will accept another instruction is tHWRST of
35us.
The Software/Hardware Reset during an active Program or Erase operation aborts the operation, which can result
in corrupting or losing the data of the targeted address range. Depending on the prior operation, the reset timing
may vary. Recovery from a Write operation will require more latency than recovery from other operations.
Note1: The Status and Function Registers remain unaffected.
Figure 8.58 Software Reset Enable and Software Reset Sequence In SPI Mode (RSTEN, 66h + RST, 99h)
Instruction = 66h
CE#
SCK
SI
0
1
Mode 3
Mode 0
2
3
4
5
6
7
Instruction = 99h
8
9
10
11
12
13
14
15
SO
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com