Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 42 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 42 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 46Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
42
Rev. A12
08/04/2020
8.6 FAST READ QUAD OUTPUT OPERATION (FRQO, 6Bh)
The FRQO instruction is used to read memory data on four output pins each at up to a 133 MHz clock.
A Quad Enable (QE) bit of Status Register must be set to "1" before sending the Fast Read Quad Output instruction.
The FRQO instruction code is followed by three address bytes (A23
– A0) and dummy cycles (configurable,
default is 8 clocks), transmitted via the IO0 line, with each bit latched-in during the rising edge of SCK. Then the
first data byte addressed is shifted out on the IO3, IO2, IO1 and IO0 lines, with each group of four bits shifted
out at a maximum frequency fCT, during the falling edge of SCK. The first bit (MSB) is output on IO3, while
simultaneously the second bit is output on IO2, the third bit is output on IO1, etc.
The first byte addressed can be at any memory location. The address is automatically incremented after each
byte of data is shifted out. When the highest address is reached, the address counter will roll over to the 000000h
address, allowing the entire memory to be read with a single FRQO instruction. FRQO instruction is termin ated
by driving CE# high (VIH).
If a FRQO instruction is issued while an Erase, Program or Write cycle is in process (BUSY=1) the instruction is
ignored and will not have any effects on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com