Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 64 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 64 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 68Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
64
Rev. A12
08/04/2020
Table 8.4 Instructions accepted during Suspend
Operation
Suspended
Instruction Allowed
Name
Hex Code
Operation
Program or Erase
NORD
03h
Read Data Bytes from Memory at Normal Read Mode
Program or Erase
FRD
0Bh
Read Data Bytes from Memory at Fast Read Mode
Program or Erase
FRDIO
BBh
Fast Read Dual I/O
Program or Erase
FRDO
3Bh
Fast Read Dual Output
Program or Erase
FRQIO
EBh
Fast Read Quad I/O
Program or Erase
FRQO
6Bh
Fast Read Quad Output
Program or Erase
FRDTR
0Dh
Fast Read DTR Mode
Program or Erase
FRDDTR
BDh
Fast Read Dual I/O DTR
Program or Erase
FRQDTR
EDh
Fast Read Quad I/O DTR
Erase
PP
02h
Serial Input Page Program
Erase
PPQ
32h/38h
Quad Input Page Program
Erase
WREN
06h
Write Enable
Program or Erase
RDSR
05h
Read Status Register
Program or Erase
RDFR
48h
Read Function Register
Program or Erase
CLERP
82h
Clear Extended Read Register
Program or Erase
PERRSM
7Ah/30h
Resume program/erase
Erase
PERSUS
75h/B0h
Program/Erase Suspend
Program or Erase
RDID
ABh
Read Manufacturer and Product ID
Program or Erase
SRPV
C0/63h
Set Read Parameters (Volatile)
Program or Erase
SERPV
83h
Set Extended Read Parameters (Volatile)
Program or Erase
RDRP
61h
Read Read Parameters (Volatile)
Program or Erase
RDERP
81h
Read Extended Read Parameters (Volatile)
Program or Erase
RDJDID
9Fh
Read Manufacturer and Product ID by JEDEC ID Command
Program or Erase
RDMDID
90h
Read Manufacturer and Device ID
Program or Erase
RDJDIDQ
AFh
Read JEDEC ID QPI mode
Program or Erase
RDUID
4Bh
Read Unique ID Number
Program or Erase
RDSFDP
5Ah
SFDP Read
Program or Erase
NOP
00h
No Operation
Program or Erase
RSTEN
66h
Software reset enable
Program or Erase
RST
99h
Reset (Only along with 66h)
Program or Erase
IRRD
68h
Read Information Row
Erase
SECUNLOCK
26h
Sector Unlock
Erase
SECLOCK
24h
Sector Lock
Program or Erase
RDABR
14h
Read AutoBoot Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com