Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 93 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 93 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 97Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
93
Rev. A12
08/04/2020
8.42 SECTOR LOCK/UNLOCK FUNCTIONS
SECTOR UNLOCK OPERATION (SECUNLOCK, 26h)
The Sector Unlock command allows the user to select a specific sector to allow program and erase operations.
This instruction is effective when the blocks are designated as write-protected through the BP0, BP1, BP2, and
BP3 bits in the Status Register. Only one sector can be enabled at any time. To enable a different sector, a
previously enabled sector must be disabled by executing a Sector Lock command. The instruction code is followed
by a 24-bit address specifying the target sector, but A0 through A11 are not decoded. The remaining sectors within
the same block remain as read-only.
Figure 8.70 Sector Unlock Sequence In SPI Mode
Instruction = 26h
23
CE #
SCK
SI
3
2
SO
1
0
3-byte Address
High Impedance
22
21
...
0
1
2
3
4
5
6
7
8
9
10
...
28
29
30
31
Mode 3
Mode 0
Figure 8.71 Sector Unlock Sequence In QPI Mode
26h
CE#
SCK
IO[3:0]
3-byte Address
0
1
2
3
4
5
6
7
Mode 3
Mode 0
23:20 19:16 15:12 11:8
7:4
3:0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com