Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 31 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 31 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 35Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
31
Rev. A12
08/04/2020
8. DEVICE OPERATION
The device utilizes an 8-bit instruction register. Refer to Table 8.1. Instruction Set for details on instructions and
instruction codes. All instructions, addresses, and data are shifted in with the most significant bit (MSB) first on
Serial Data Input (SI) or Serial Data IOs (IO0, IO1, IO2, IO3). The input data on SI or IOs is latched on the rising
edge of Serial Clock (SCK) for normal mode and both of rising and falling edges for DTR mode after Chip Enable
(CE#) is driven low (VIL). Every instruction sequence starts with a one-byte instruction code and is followed by
address bytes, data bytes, or both address bytes and data bytes, depending on the type of instruction. CE# must
be driven high (VIH) after the last bit of the instruction sequence has been shifted in to end the operation.
Table 8.1 Instruction Set
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
NORD
Normal Read
Mode
SPI
03h
A
<23:16>
A
<15:8>
A
<7:0>
Data out
FRD
Fast Read
Mode
SPI
QPI
0Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Data out
FRDIO
Fast Read
Dual I/O
SPI
BBh
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh(1),(2)
Dual
Dual
Data out
FRDO
Fast Read
Dual Output
SPI
3Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Dual
Data out
FRQIO
Fast Read
Quad I/O
SPI
QPI
EBh
A
<23:16>
Quad
A
<15:8>
Quad
A
<7:0>
Quad
AXh(1), (2)
Quad
Quad
Data out
FRQO
Fast Read
Quad Output
SPI
6Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Quad
Data out
FRDTR
Fast Read
DTR Mode
SPI
QPI
0Dh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Dual
Data out
FRDDTR
Fast Read
Dual I/O DTR
SPI
BDh
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh(1), (2)
Dual
Dual
Data out
FRQDTR
Fast Read
Quad I/O DTR
SPI
QPI
EDh
A
<23:16>
A
<15:8>
A
<7:0>
AXh(1), (2)
Quad
Quad
Data out
PP
Input Page
Program
SPI
QPI
02h
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
PPQ
Quad Input
Page Program
SPI
32h
38h
A
<23:16>
A
<15:8>
A
<7:0>
Quad PD
(256byte)
SER
Sector Erase
SPI
QPI
D7h
20h
A
<23:16>
A
<15:8>
A
<7:0>
BER32
(32KB)
Block Erase
32Kbyte
SPI
QPI
52h
A
<23:16>
A
<15:8>
A
<7:0>
BER64
(64KB)
Block Erase
64Kbyte
SPI
QPI
D8h
A
<23:16>
A
<15:8>
A
<7:0>
CER
Chip Erase
SPI
QPI
C7h
60h
WREN
Write Enable
SPI
QPI
06h
WRDI
Write Disable
SPI
QPI
04h
RDSR
Read Status
Register
SPI
QPI
05h
SR
WRSR
Write Status
Register
SPI
QPI
01h
WSR
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com