Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 25 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 25 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
25
Rev. A12
08/04/2020
6.3 READ REGISTER AND EXTENDED REGISTER
Read Register format and Bit definitions are described below. Read Register and Extended Read Register consist
of a pair of rewritable non-volatile register and volatile register, respectively. During power up sequence, volatile
register will be loaded with the value of non-volatile value.
6.3.1 READ REGISTER
Table 6.7 and Table 6.8 define all bits that control features in SPI/QPI modes. HOLD#/RESET# pin selection (P7)
bit is used to select HOLD# pin or RESET# pin in SPI mode when QE=“0” for the device with HOLD#/RESET#.
When QE=1 or in QPI mode, P7 bit setting will be ignored since the pin becomes IO3.
For 16-pin SOIC or 24-ball TFBGA with dedicated RESET# device (Dedicated RESET# Disable bit in Functional
Register is “0”), HOLD# will be selected regardless of P7 bit setting when QE=“0” in SPI mode.
The Dummy Cycle bits (P6, P5, P4, P3) define how many dummy cycles are used during various READ modes.
The wrap selection bits (P2, P1, P0) define burst length with an enable bit.
The SET READ PARAMETERS Operations (SRPNV: 65h, SRPV: C0h or 63h) are used to set all the Read Register
bits, and can thereby define HOLD#/RESET# pin selection, dummy cycles, and burst length with wrap around.
SRPNV is used to set the non-volatile register and SRPV is used to set the volatile register.
Table 6.7 Read Register Parameter Bit Table
P7
P6
P5
P4
P3
P2
P1
P0
HOLD#/
RESET#
Dummy
Cycles
Dummy
Cycles
Dummy
Cycles
Dummy
Cycles
Wrap
Enable
Burst
Length
Burst
Length
Default
0
0
0
0
0
0
0
0
Table 6.8 Read Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
P0
Burst Length
Burst Length
R/W
Non-Volatile
and Volatile
P1
Burst Length
Burst Length
R/W
Non-Volatile
and Volatile
P2
Burst Length
Set Enable
Burst Length Set Enable Bit:
"0" indicates disable (default)
"1" indicates enable
R/W
Non-Volatile
and Volatile
P3
Dummy Cycles
Number of Dummy Cycles:
Bits1 to Bit4 can be toggled to select the number of dummy cycles
(1 to 15 cycles)
R/W
Non-Volatile
and Volatile
P4
Dummy Cycles
R/W
Non-Volatile
and Volatile
P5
Dummy Cycles
R/W
Non-Volatile
and Volatile
P6
Dummy Cycles
R/W
Non-Volatile
and Volatile
P7
HOLD#/
RESET#
HOLD#/RESET# pin selection Bit:
"0" indicates the HOLD# pin is selected (default)
"1" indicates the RESET# pin is selected
R/W
Non-Volatile
and Volatile
Table 6.9 Burst Length Data
P1
P0
8 bytes
0
0
16 bytes
0
1
32 bytes
1
0
64 bytes
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com