Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 84 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 84 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 88Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
84
Rev. A12
08/04/2020
8.39 FAST READ DTR MODE OPERATION IN SPI MODE (FRDTR, 0Dh)
The FRDTR instruction is for doubling the data in and out. Signals are triggered on both rising and falling edge of
clock. The address is latched on both rising and falling edge of SCK, and data of each bit shifts out on both rising
and falling edge of SCK at a maximum frequency. The 2-bit address can be latched-in at one clock, and 2-bit data
can be read out at one clock, which means one bit at the rising edge of clock, the other bit at the falling edge of
clock.
The first address byte can be at any location. The address is automatically increased to the next higher address
after each byte of data is shifted out, so the whole memory can be read out in a single FRDTR instruction. The
address counter rolls over to 0 when the highest address is reached.
The sequence of issuing FRDTR instruction is: CE# goes low  Sending FRDTR instruction code (1bit per clock)
 3-byte address on SI (2-bit per clock)  8 dummy clocks (configurable, default is 8 clocks) on SI  Data out on
SO (2-bit per clock)  End FRDTR operation via driving CE# high at any time during data out.
While a Program/Erase/Write Status Register cycle is in progress, FRDTR instruction will be rejected without any
effect on the current cycle.
Figure 8.63 FRDTR Sequence In SPI Mode
CE #
SCK
SI
SO
Data Out 1
Instruction = 0Dh
CE #
SCK
SI
SO
3-byte Address
High Impedance
0
1
2
3
4
5
6
7
8
9
10
...
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
...
Mode 3
Mode 0
tV
23 22 21
0
7 6 5 4 3
2 1
0
Data Out 2
7 6 5 4 3
2 1
0
Data Out ...
7 6
8 Dummy Cycles
20 19 18 17
5 ...
...
Note: Dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com