Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 32 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 32 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 36Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
32
Rev. A12
08/04/2020
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
RDFR
Read Function
Register
SPI
QPI
48h
Data
out
WRFR
Write Function
Register
SPI
QPI
42h
WFR
Data
QPIEN
Enter
QPI mode
SPI
35h
QPIDI
Exit
QPI mode
QPI
F5h
PERSUS
Suspend during
program/erase
SPI
QPI
75h
B0h
PERRSM
Resume
program/erase
SPI
QPI
7Ah
30h
DP
Deep Power
Down
SPI
QPI
B9h
RDID,
RDPD
Read ID /
Release
Power Down
SPI
QPI
ABh
XXh(3)
XXh(3)
XXh(3)
ID7-ID0
SRPNV
Set Read
Parameters
(Non-Volatile)
SPI
QPI
65h
Data in
SRPV
Set Read
Parameters
(Volatile)
SPI
QPI
C0h
63h
Data in
SERPNV
Set Extended
Read
Parameters
(Non-Volatile)
SPI
QPI
85h
Data in
SERPV
Set Extended
Read
Parameters
(Volatile)
SPI
QPI
83h
Data in
RDRP
Read Read
Parameters
(Volatile)
SPI
QPI
61h
Data out
RDERP
Read Extended
Read Parameters
(Volatile)
SPI
QPI
81h
Data out
CLERP
Clear Extended
Read Register
SPI
QPI
82h
RDJDID
Read JEDEC
ID Command
SPI
QPI
9Fh
MF7-MF0
ID15-ID8
ID7-ID0
RDMDID
Read
Manufacturer
& Device ID
SPI
QPI
90h
XXh(3)
XXh(3)
00h
MF7-MF0
ID7-ID0
01h
ID7-ID0
MF7-MF0
RDJDIDQ
Read JEDEC
ID
QPI mode
QPI
AFh
MF7-MF0
ID15-ID8
ID7-ID0
RDUID
Read
Unique ID
SPI
QPI
4Bh
A(4)
<23:16>
A(4)
<15:8>
A(4)
<7:0>
Dummy
Byte
Data out
RDSFDP
SFDP Read
SPI
QPI
5Ah
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Byte
Data out
NOP
No Operation
SPI
QPI
00h
RSTEN
Software
Reset
Enable
SPI
QPI
66h
RST
Software Reset
SPI
QPI
99h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com