Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 47 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 47 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 51Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
47
Rev. A12
08/04/2020
FAST READ QUAD I/O OPERATION IN QPI MODE (FRQIO, EBh)
The FRQIO instruction is also used in QPI mode to read memory data at up to a 133MHz clock.
It is not required to set QE bit
to “1”.before Fast Read Quad I/O instruction in QPI mode.
The FRQIO instruction in QPI mode utilizes all four IO lines to input the instruction code so that only two clocks are
required, while the FRQIO instruction in SPI mode requires that the byte-long instruction code is shifted into the
device only via IO0 line in eight clocks. As a result, 6 command cycles will be reduced by the FRQIO instruction in
QPI mode. In addition, subsequent address and data out are shifted in/out via all four IO lines like the FRQIO
instruction. In fact, except for the command cycle, the FRQIO operation in QPI mode is exactly same as the FRQIO
operation in SPI mode.
The device supports the AX read operation by applying mode bits during dummy period. Mode bits consist of 8
bits, such as M7 to M0. Two cycles after address input are reserved for Mode bits in FRQIO execution. M7 to M4
are important for enabling this mode. M3 to M0 become don’t care for future use. When M[7:4]=1010(Ah), it enables
the AX read operation and subsequent FRQIO execution skips command code. It saves cycles as described in
Figure 8.9. When the code is different from AXh (
where X is don’t care), the device exits the AX read operation.
After finishing the read operation, device becomes ready to receive a new command. SPI or QPI mode configuration
retains the prior setting. Mode bit must be applied during dummy cycles. Number of dummy cycles in Table 6.11
includes number of mode bit cycles. If dummy cycles are configured as 6 cycles, data output will start right after
mode bits and 4 additional dummy cycles are applied.
If the FRQIO instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction is
ignored and will not have any effects on the current cycle.
Figure 8.10 Fast Read Quad I/O Sequence In QPI Mode
EBh
CE#
SCK
IO[3:0]
6 Dummy Cycles
3-byte Address
0
1
2
3
4
5
6
7
8
9
...
13
14
15
16
17
Mode 3
Mode 0
23:20
7:4
3:0
7:4
3:0
Data 1
Data 2
19:16 15:12 11:8
7:4
3:0
...
tV
Instruction
Mode Bits
7:4
3:0
...
Note: Number of dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy
Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com