Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RBLA3 Datasheet(PDF) 68 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RBLA3 Datasheet(HTML) 68 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RBLA3 Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25WP032D-RBLA3 Datasheet HTML 72Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
68
Rev. A12
08/04/2020
Read with “8/16/32/64-Byte Wrap Around”
The device is capable of burst read with wrap around in both SPI and QPI mode. The size of burst length is
configurable by using P0, P1, and P2 bits in Read Register. P2 bit (Wrap enable) enables the burst mode feature.
P0 and P1 define the size of burst. Burst lengths of 8, 16, 32, and 64 bytes are supported. By default, address
increases by one up through the entire array. By setting the burst length, the data being accessed can be limited
to the length of burst boundary within a 256 byte page. The first output will be the data at the initial address which
is specified in the instruction. Following data will come out from the next address within the burst boundary. Once
the address reaches the end of boundary, it will automatically move to the first address of the boundary. CE# high
will terminate the command.
For example, if burst length of 8 and initial address being applied is 0h, following byte output will be from address
00h and continue to 01h,..,07h, 00h, 01h… until CE# terminates the operation. If burst length of 8 and initial address
being applied is FEh(254d), following byte output will be from address FEh and continue to FFh, F8h, F9h, FAh,
FBh, FCh, FDh, and repeat from FEh until CE# terminates the operation.
The commands
, “SRPV (65h) or SRPNV (C0h or 63h)”, are used to configure the burst length. If the following data
input is one of
“00h”,”01h”,”02h”, and ”03h”, the device will be in default operation mode. It will be continuous burst
read of the whole array. If the following data input is one of
“04h”,”05h”,”06h”, and ”07h”, the device will set the
burst length as 8,16,32 and 64, respectively.
To exit the burst mode
, another “C0h or 63h” command is necessary to set P2 to 0. Otherwise, the burst mode will
be retained until either power down or reset operation. To change burst length
, another “C0h or 63h” command
should be executed to set P0 and P1 (Detailed information in Table 6.9 Burst Length Data). All read commands
will operate in burst mode once the Read Register is set to enable burst mode.
Refer to Figure 8.40 and Figure 8.41 for instruction sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com