Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 92 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 92 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 96Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
92
Rev. B10
03/09/2020
AUTOBOOT REGISTER WRITE OPERATION (WRABR, 15h)
Before the WRABR command can be accepted, a Write Enable (WREN) command must be issued and decoded
by the device, which sets the Write Enable Latch (WEL) in the Status Register to enable any write operations.
The WRABR command is entered by shifting the instruction and the data bytes, least significant byte first, most
significant bit of each byte first. The WRABR data is 32 bits in length.
CE# must be driven high after the 32nd bit of data has been latched. If not, the WRABR command is not executed.
As soon as CE# is driven high, the WRABR operation is initiated. While the WRABR operation is in progress, Status
Register may be read to check the value of the Write-In Progress (WIP) bit. The WIP bit is
“1” during the WRABR
operation, and is a 0 when it is completed. When the WRABR cycle is completed, the WEL is set to
“0”.
Figure 8.78 WRABR Sequence In SPI mode
Instruction = 15h
7
CE #
SCK
SI
3
2
SO
1
0
Data In 1
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
High Impedance
...
...
Figure 8.79 WRABR Sequence In QPI Mode
15h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
Data In 1
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com