Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 74 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 74 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 78Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
74
Rev. B10
03/09/2020
Figure 8.59 Software Reset Enable and Software Reset Sequence In QPI Mode (RSTEN, 66h + RST, 99h)
66h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
99h
0
1
8.35 SECURITY INFORMATION ROW
The security Information Row is comprised of an additional 4 x 256 bytes of programmable information. The security
bits can be reprogrammed by the user. Any program security instruction issued while an erase, program or write
cycle is in progress is rejected without having any effect on the cycle that is in progress.
Table 8.7 Information Row Valid Address Range
Address Assignment
A[23:16]
A[15:8]
A[7:0]
IRL0 (Information Row Lock0)
00h
00h
Byte address
IRL1
00h
10h
Byte address
IRL2
00h
20h
Byte address
IRL3
00h
30h
Byte address
Bit 7~4 of the Function Register is used to permanently lock the programmable memory array.
When Function Register bit IRLx =
“0”, the 256 bytes of the programmable memory array can be programmed.
When Function Register bit IRLx =
“1”, the 256 bytes of the programmable memory array function as read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com