Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 42 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 42 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 46Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
42
Rev. B10
03/09/2020
8.8 PAGE PROGRAM OPERATION (PP, 02h)
The Page Program (PP) instruction allows up to 256 bytes data to be programmed into memory in a single
operation. The destination of the memory to be programmed must be outside the protected memory area set by
the Block Protection (BP3, BP2, BP1, BP0) bits. A PP instruction which attempts to program into a page that is
write-protected will be ignored. Before the execution of PP instruction, the Write Enable Latch (WEL) must be
enabled through a Write Enable (WREN) instruction.
The PP instruction code, three address bytes and program data (1 to 256 bytes) are input via the Sl line. Program
operation will start immediately after the CE# is brought high, otherwise the PP instruction will not be executed.
The internal control logic automatically handles the programming voltages and timing. The progress or completion
of the program operation can be determined by reading the WIP bit in Status Register via a RDSR instruction. If
the WIP bit is “1”, the program operation is still in progress. If WIP bit is “0”, the program operation has completed.
If more than 256 bytes data are sent to a device, the address counter rolls over within the same page, the previously
latched data are discarded, and the last 256 bytes are kept to be programmed into the page. The starting byte can
be anywhere within the page. When the end of the page is reached, the address will wrap around to the beginning
of the same page. If the data to be programmed are less than a full page, the data of all other bytes on the same
page will remain unchanged.
Note: A program operation can alter “1”s into “0”s. The same byte location or page may be programmed more than
once, to incrementally change
“1”s to “0”s. An erase operation is required to change “0”s to “1”s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com