Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 16 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 16 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 20Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
16
Rev. B10
03/09/2020
Table 6.3 Instructions requiring WREN instruction ahead
Instructions must be preceded by the WREN instruction
Name
Hex Code
Operation
PP
02h
Serial Input Page Program
PPQ
32h/38h
Quad Input Page Program
SER
D7h/20h
Sector Erase 4KB
BER32 (32KB)
52h
Block Erase 32KB
BER64 (64KB)
D8h
Block Erase 64KB
CER
C7h/60h
Chip Erase
WRSR
01h
Write Status Register
WRFR
42h
Write Function Register
SRPNV
65h
Set Read Parameters (Non-Volatile)
SERPNV
85h
Set Extended Read Parameters (Non-Volatile)
IRER
64h
Erase Information Row
IRP
62h
Program Information Row
WRABR
15h
Write AutoBoot Register
BP3, BP2, BP1, BP0 bits: The Block Protection (BP3, BP2, BP1 and BP0) bits are used to define the portion of
the memory area to be protected. Refer to Table 6.4 for the Block Write Protection (BP) bit settings. When a defined
combination of BP3, BP2, BP1 and BP0 bits are set, the corresponding memory area is protected. Any program or
erase operation to that area will be inhibited.
Note: A Chip Erase (CER) instruction will be ignored unless all the
Block Protection Bits are “0”s.
SRWD bit: The Status Register Write Disable (SRWD) bit operates in conjunction with the Write Protection (WP#)
signal to provide a Hardware Protection Mode. When the SRWD is set to “0”, the Status Register is not write-
prot
ected. When the SRWD is set to “1” and the WP# is pulled low (VIL), the bits of Status Register (SRWD, QE,
BP3, BP2, BP1, BP0) become read-
only, and a WRSR instruction will be ignored. If the SRWD is set to “1” and
WP# is pulled high (VIH), the Status Register can be changed by a WRSR instruction.
QE bit: The Quad Enable (QE) is a non-volatile bit in the Status Register that allows quad operation. When the QE
bit is set to “0”, the pin WP# and HOLD#/RESET# are enabled. When the QE bit is set to “1”, the IO2 and IO3 pins
are enabled.
WARNING: The QE bit must be set to 0 if WP# or HOLD#/RESET# pin is tied directly to the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com