Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 57 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 57 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 61Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
57
Rev. B10
03/09/2020
8.21 PROGRAM/ERASE SUSPEND & RESUME
The device allows the interruption of Sector Erase, Block Erase, or Page Program operations to conduct other
operations. 75h/B0h command for suspend and 7Ah/30h for resume will be used. (SPI/QPI all acceptable) Function
Register bit2 (PSUS) and bit3 (ESUS) are used to check whether or not the device is in suspend mode.
Suspend to read ready timing (tSUS): 100µs (TYP)
Resume to another suspend timing (tRS): 400µs (TYP)
SUSPEND DURING SECTOR-ERASE OR BLOCK-ERASE (PERSUS 75h/B0h)
The Suspend command allows the interruption of Sector Erase and Block Erase operations. But Suspend command
will be ignored during Chip Erase operation. After the Suspend command, other commands include array read
operation can be accepted.
But Write Status Register command (01h) and Erase instructions are not allowed during Erase Suspend. Also,
array read for being erased sector/block is not allowed.
To execute Erase Suspend operation, the host drives CE# low, sends the Suspend command cycle (75h/B0h),
then drives CE# high. The Function Register indicates that the Erase has been suspended by setting the ESUS bit
from “0” to “1”, but the device will not accept another command until it is ready. To determine when the device will
accept a new command, poll the WIP bit or wait the specified time tSUS. When ESUS bit is
set to “1”, the Write
Enable Latch (WEL) bit
clears to “0”.
SUSPEND DURING PAGE PROGRAMMING (PERSUS 75h/B0h)
The Suspend command also allows the interruption of all array Program operations. After the Suspend command,
other commands include array read operation can be accepted can be accepted.
But Write Status Register instruction (01h) and Program instructions are not allowed during Program Suspend.
Also, array read for being programmed page is not allowed.
To execute the Program Suspend operation, the host drives CE# low, sends the Suspend command cycle
(75h/B0h), then drives CE# high. The Function Register indicates that the programming has been suspended by
setting
the PSUS bit from “0” to “1”, but the device will not accept another command until it is ready. To determine
when the device will accept a new command, poll the WIP bit or wait the specified time tSUS. When PSUS bit is set
to “1”, the Write Enable Latch (WEL) bit clears to “0”.
PROGRAM/ERASE RESUME (PERRSM 7Ah/30h)
The Program/Erase Resume restarts the Program or Erase command that was suspended, and clears the suspend
status bit in the Function Register (ESUS or PSUS bits) to “0”. To execute the Program/Erase Resume operation,
the host drives CE# low, sends the Program/Erase Resume command cycle (7Ah/30h), then drives CE# high. A
cycle is two nibbles long, most significant nibble first. To issue another Erase Suspend operation after Erase
Resume operation, Erase Resume to another Erase Suspend delay (400us) is required, but it could require longer
Erase time to complete Erase operation.
To determine if the internal, self-timed Write operation completed, poll the WIP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com