Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 47 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 47 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 51Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
47
Rev. B10
03/09/2020
8.12 BLOCK ERASE OPERATION (BER32K:52h, BER64K:D8h)
A Block Erase (BER) instruction erases a 32/64Kbyte block. Before the execution of a BER instruction, the Write
Enable Latch (WEL) must be set via a Write Enable (WREN) instruction. The WEL is reset automatically after the
completion of a block erase operation.
The BER instruction code and three address bytes are input via SI. Erase operation will start immediately after the
CE# is pulled high, otherwise the BER instruction will not be executed. The internal control logic automatically
handles the erase voltage and timing.
Figure 8.16 Block Erase (64K) Sequence In SPI Mode
Instruction = D8h
23
CE #
SCK
SI
3
2
SO
1
0
3-byte Address
High Impedance
22
21
...
0
1
2
3
4
5
6
7
8
9
10
...
28
29
30
31
Mode 3
Mode 0
Figure 8.17 Block Erase (64K) Sequence In QPI Mode
D8h
CE#
SCK
IO[3:0]
3-byte Address
0
1
2
3
4
5
6
7
Mode 3
Mode 0
23:20 19:16 15:12 11:8
7:4
3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com