Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
12
Rev. B10
03/09/2020
4. SPI MODES DESCRIPTION
Multiple IS25LP016D devices or multiple IS25WP016D devices can be connected on the SPI serial bus and
controlled by a SPI Master, i.e. microcontroller, as shown in Figure 4.1. The devices support either of two SPI
modes:
Mode 0 (0, 0)
Mode 3 (1, 1)
The difference between these two modes is the clock polarity. When the SPI master is in stand-by mode, the serial
clock remains at “0” (SCK = 0) for Mode 0 and the clock remains at “1” (SCK = 1) for Mode 3. Please refer to Figure
4.2 and Figure 4.3 for SPI and QPI mode. In both modes, the input data is latched on the rising edge of Serial Clock
(SCK), and the output data is available from the falling edge of SCK.
Figure 4.1 Connection Diagram among SPI Master and SPI Slaves (Memory Devices)
SPI interface with
(0,0) or (1,1)
SPI Master
(i.e. Microcontroller)
SPI
Memory
Device
SPI
Memory
Device
SPI
Memory
Device
SCK SO
SI
SCK
SDI
SDO
CE#
WP#
SCK SO
SI
CE#
WP#
SCK SO
SI
CE#
WP# HOLD#
or RESET#
CS3
CS2
CS1
HOLD#
or RESET#
HOLD#
or RESET#
Notes:
1. According to the P7 bit setting in Read Register, either HOLD# (P7=0) or RESET# (P7=1) pin can be selected.
2. SI and SO pins become bidirectional IO0 and IO1 respectively during Dual I/O mode and SI, SO, WP#, and
HOLD#/RESET# pins become bidirectional IO0, IO1, IO2, and IO3 respectively during Quad I/O or QPI mode.
3. In case of 16-pin SOIC and 24-ball TFBGA packages, dedicated RESET# function is supported without sharing with
HOLD# pin for the dedicated parts. See the Ordering Information for the dedicated RESET# pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com