Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 96 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 96 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 100Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
96
Rev. B10
03/09/2020
9.6 AC CHARACTERISTICS
(Under operating range, refer to section 9.4 for AC measurement conditions)
Symbol
Parameter
Min
Typ(3)
Max
Units
fCT
Clock Frequency except for fast read Quad I/O, QPI,
DTR and read (03h)
0
133
MHz
Clock Frequency for fast read Quad I/O
and QPI
IS25LP
0
133
IS25WP
0
104
Clock Frequency for fast read DTR:
SPI DTR, Dual DTR, Dual I/O DTR, Quad I/O DTR, and
QPI DTR.
0
66
MHz
fC
Clock Frequency for read (03h)
0
50
MHz
tCLCH(1)
SCK Rise Time (peak to peak)
0.1
V/ns
tCHCL(1)
SCK Fall Time ( peak to peak)
0.1
V/ns
tCKH
SCK High Time
For read
(03h)
0.45 x 1/fCmax
ns
For others
0.45 x 1/fCTmax
tCKL
SCK Low Time
For read
(03h)
0.45 x 1/fCmax
ns
For others
0.45 x 1/fCTmax
tCEH
CE# High Time
7
ns
tCS
CE# Setup Time
5
ns
tCH
CE# Hold Time
5
ns
tCHSL
CE# Not Active Hold Time
2.7
ns
tSHCH
CE# Not Active Setup Time
2.7
ns
tDS
Data In Setup Time
STR
2
ns
DTR
1.5
tDH
Data in Hold Time
STR
2
ns
DTR
1.5
tV
Output Valid
@ 133MHz
(CL = 15pF)
7
ns
@ 104MHz
(CL = 30pF)
8
tOH
Output Hold Time
2
ns
tDIS(1)
Output Disable Time
8
ns
tHLCH
HOLD Active Setup Time relative to SCK
2
ns
tCHHH
HOLD Active Hold Time relative to SCK
2
ns
tHHCH
HOLD Not Active Setup Time relative to SCK
2
ns
tCHHL
HOLD Not Active Hold Time relative to SCK
2
ns
tLZ(1)
HOLD to Output Low Z
12
ns
tHZ(1)
HOLD to Output High Z
12
ns
tEC
Sector Erase Time (4Kbyte)
70
300
ms
Block Erase Time (32Kbyte)
0.1
0.5
s
Block Erase time (64Kbyte)
0.15
1.0
s
Chip Erase Time (16Mb)
4
12
tPP
Page Program Time
0.2
0.8
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com