Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 44 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 44 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 48Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
44
Rev. B10
03/09/2020
8.9 QUAD INPUT PAGE PROGRAM OPERATION (PPQ, 32h/38h)
The Quad Input Page Program instruction allows up to 256 bytes data to be programmed into memory in a single
operation with four pins (IO0, IO1, IO2 and IO3). The destination of the memory to be programmed must be outside
the protected memory area set by the Block Protection (BP3, BP2, BP1, BP0) bits. A Quad Input Page Program
instruction which attempts to program into a page that is write-protected will be ignored. Before the execution of
Quad Input Page Program instruction, the QE bit in the Status Register
must be set to “1” and the Write Enable
Latch (WEL) must be enabled through a Write Enable (WREN) instruction.
The Quad Input Page Program instruction code, three address bytes and program data (1 to 256 bytes) are input
via the four pins (IO0, IO1, IO2 and IO3). Program operation will start immediately after the CE# is brought high,
otherwise the Quad Input Page Program instruction will not be executed. The internal control logic automatically
handles the programming voltages and timing. The progress or completion of the program operation can be
determined by reading the WIP bit in St
atus Register via a RDSR instruction. If the WIP bit is “1”, the program
operation is still in progress. If WIP bit is “0”, the program operation has completed.
If more than 256 bytes data are sent to a device, the address counter rolls over within the same page, the previously
latched data are discarded, and the last 256 bytes data are kept to be programmed into the page. The starting byte
can be anywhere within the page. When the end of the page is reached, the address will wrap around to the
beginning of the same page. If the data to be programmed are less than a full page, the data of all other bytes on
the same page will remain unchanged.
Note: A program operation can alter “1”s into “0”s. The same byte location or page may be programmed more than
once, to incrementally change
“1”s to “0”s. An erase operation is required to change “0”s to “1”s.
Figure 8.13 Quad Input Page Program Sequence
Instruction = 32h/38h
23
CE #
SCK
4
0
4
0
3-byte Address
High Impedance
22
...
0
0
1
2
3
4
5
6
7
8
9
31
32
33
34
35
Mode 3
Mode 0
IO0
IO1
5
1
5
1
6
2
6
2
7
3
7
3
Data In 2
IO2
IO3
...
Data In 1
...
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com