Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLA3 Datasheet(PDF) 20 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLA3 Datasheet(HTML) 20 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLA3 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP016D-RBLA3 Datasheet HTML 24Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
20
Rev. B10
03/09/2020
Table 6.10 Wrap Function
Wrap around boundary
P2
Whole array regardless of P1 and P0 value
0
Burst Length set by P1 and P0
1
Table 6.11 Read Dummy Cycles vs Max Frequency
P[6:3]
Dummy
Cycles2,3
Fast Read5
0Bh
Fast Read5
0Bh
Fast Read
Dual
Output
3Bh
Fast Read
Dual IO
BBh
Fast Read
Quad
Output
6Bh
Fast Read
Quad IO
EBh
FRDTR
0Dh
FRDDTR
BDh
FRQDTR
EDh
SPI
QPI
SPI
SPI
SPI
SPI, QPI
SPI/QPI
SPI4
SPI, QPI
0
Default1
133MHz
104MHz
133MHz
115MHz
133MHz
104MHz
66/66MHz
66MHz
66MHz
1
1
84MHz
33MHz
84MHz
60MHz
66MHz
33MHz
50/20MHz
33MHz
20MHz
2
2
104MHz
50MHz
104MHz
84MHz
80MHz
50MHz
66/33MHz
50MHz
33MHz
3
3
133MHz
60MHz
115MHz
104MHz
90MHz
60MHz
66/46MHz
66MHz
46MHz
4
4
133MHz
70MHz
133MHz
115MHz
104MHz
70MHz
66/60MHz
66MHz
60MHz
5
5
133MHz
84MHz
133MHz
133MHz
115MHz
84MHz
66/66MHz
66MHz
66MHz
6
6
133MHz
104MHz
133MHz
133MHz
133MHz
104MHz
66/66MHz
66MHz
66MHz
7
7
133MHz
115MHz(6)
133MHz
133MHz
133MHz
115MHz(6)
66/66MHz
66MHz
66MHz
8
8
133MHz
133MHz(6)
133MHz
133MHz
133MHz
133MHz(6)
66/66MHz
66MHz
66MHz
9
9
133MHz
133MHz(6
133MHz
133MHz
133MHz
133MHz(6
66/66MHz
66MHz
66MHz
10
10
133MHz
133MHz(6
133MHz
133MHz
133MHz
133MHz(6
66/66MHz
66MHz
66MHz
11
11
133MHz
133MHz(6)
133MHz
133MHz
133MHz
133MHz(6)
66/66MHz
66MHz
66MHz
12
12
133MHz
133MHz(6
133MHz
133MHz
133MHz
133MHz(6
66/66MHz
66MHz
66MHz
13
13
133MHz
133MHz(6)
133MHz
133MHz
133MHz
133MHz(6
66/66MHz
66MHz
66MHz
14
14
133MHz
133MHz(6
133MHz
133MHz
133MHz
133MHz(6)
66/66MHz
66MHz
66MHz
15
15
133MHz
133MHz(6
133MHz
133MHz
133MHz
133MHz(6
66/66MHz
66MHz
66MHz
Notes:
1. Default dummy cycles are as follows.
Operation
Command
Dummy Cycles
Comment
Normal mode
DTR mode
Normal mode
DTR mode
Fast Read (SPI mode)
0Bh
0Dh
8
8
RDUID, IRRD instructions are also
applied.
Fast Read (QPI mode)
0Bh
0Dh
6
6
Fast Read Dual Output
3Bh
-
8
-
Fast Read Dual IO SPI
BBh
BDh
4
4
Fast Read Quad Output
6Bh
-
8
-
Fast Read Quad IO (SPI mode)
EBh
EDh
6
6
Fast Read Quad IO (QPI mode)
EBh
EDh
6
6
2. Enough number of dummy cycles must be applied to execute properly the AX read operation.
3. Must satisfy bus I/O contention. For instance, if the number of dummy cycles and AX bit cycles are same, then X
must be Hi-Z.
4. QPI mode is not available for FRDDTR command.
5. RDUID, IRRD instructions are also applied.
6. 104MHz for IS25WP016D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com