Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 2 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 2 Page - Microchip Technology

  MXT1664T3-C2TESSQTP Datasheet HTML 1Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 2Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 3Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 4Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 5Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 6Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 7Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 8Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 2
 2018 Microchip Technology Inc.
Power Supply
• Digital (Vdd) 3.3 V nominal
• Digital I/O (VddIO) 3.3 V nominal
• Analog (AVdd) 3.3 V nominal
• High voltage external X line drive (XVdd) up to 10 V
Packages
• 136-ball UFBGA 7 × 7 × 0.6 mm, 0.5 mm pitch
• 162-ball UFBGA 10 × 5 × 0.6 mm, 0.5 mm pitch
Operating Temperature
• –40
C to +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com