Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 69 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 69 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 65Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 66Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 67Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 68Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 69Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 70Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 71Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 72Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 69
14.0
SPECIFICATIONS
14.1
Absolute Maximum Specifications
14.2
Recommended Operating Conditions
Vdd
3.6 V
VddIO
3.6 V
AVdd
3.6 V
XVdd (external)
10 V
Maximum continuous combined pin current, all GPIOn pins
80 mA
Voltage forced onto any pin
–0.3 V to Vdd/VddIO/AVdd + 0.3 V
Configuration parameters maximum writes
10,000
Maximum junction temperature
125
C
CAUTION!
Stresses beyond those listed under Absolute Maximum Specifications may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or other
conditions beyond those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum specification conditions for extended periods may affect device
reliability.
Operating temperature
–40
C to +85C
Storage temperature
–60
C to +150C
Vdd
3.3V ±5%
VddIO
1.8V to 3.3V ±5% (I2C mode)
3.3 V ±5% (USB mode)
AVdd
3.3V ±5%
External XVdd – Static
6.1V to 9.5V (8.5 V recommended)
XVdd – With Voltage Booster enabled
6.2V Nominal, Band Gap Referenced
7.4V Nominal, Band Gap Referenced
8.5V Nominal, Band Gap Referenced (Recommended)
9.21V Nominal, Band Gap Referenced
Temperature slew rate
10
C/min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com