| Electronic Components Datasheet Search |
|
MXT1664T3-C2TESSQTP Datasheet(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-C2TESSQTP Datasheet(HTML) 37 Page - Microchip Technology |
|
37 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 37 FIGURE 8-5: CONTINUOUS MESSAGE READ EXAMPLE – I2C CHECKSUM MODE There are no checksums added on any other I2C reads. An 8-bit CRC can be added, however, to all I2C writes, as described in Section 8.3 “I2C Writes in Checksum Mode”. An alternative method of reading messages using the CHG line is given in Section 8.6 “CHG Line”. 8.6 CHG Line The CHG line is an active-low, open-drain output that is used to alert the host that a new message is available in the Message Processor T5 object. This provides the host with an interrupt-style interface with the potential for fast response times. It reduces the need for wasteful I2C communications. The CHG line should always be configured as an input on the host during normal usage. This is particularly important after power-up or reset (see Section 5.0 “Power-up / Reset Requirements”). A pull-up resistor is required to VddIO (see Section 2.0 “Schematics”). The CHG line operates in two modes when it is used with I2C communications, as defined by the Communications Configuration T18 object. Report ID Data Data Checksum Report ID Data Data Checksum Start Address of Message Count Object Set Address Pointer Read Message Count START SLA+R Count = 3 Message Count Object Read Message Data Message Processor Object – Message # 1 size bytes Message Processor Object – Message # 2 Message Processor Object – Message # 3 STOP Continuous Read START SLA+W LSB MSB | 0x80 Checksum STOP Report ID Data Data Checksum |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |