Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 81 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 81 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 77Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 78Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 79Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 80Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 81Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 82Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 83Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 84Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 81
14.7.2
SPEED
14.7.3
RESET TIMINGS
14.8
Touchscreen Sensor Characteristics
0
50
100
150
200
250
300
350
123456789
10
Number of Moving Touches
Pipelining ON (active mode)
Pipelining OFF (active mode)
Parameter
Min
Typ
Max
Units
Notes
Power on to CHG line low
–
79
–
ms
Vdd supply for POR
VddIO supply for external reset
Hardware reset to CHG line low
–
81
–
ms
Software reset to CHG line low
–
104
–
ms
Note
1:
Any CHG line activity before the power-on or reset period has expired should be ignored by the host. Operation of this
signal cannot be guaranteed before the power-on/reset periods have expired.
2:
The mXT1664T3 meets the requirements of Microsoft Windows 8.x and later versions.
Parameter
Description
Cm
Mutual capacitance
Typical value is between 0.15 pF and 10 pF on a single node.
Cpx
Mutual capacitance load to X
Microchip recommends a maximum load of 300 pF on each X or Y
line. (1)
Cpy
Mutual capacitance load to Y
Cpx
Self capacitance load to X
Microchip recommends a maximum load of 100 pF on each X or Y
line. (1)
Cpy
Self capacitance load to Y
Cpx
Self capacitance imbalance on X
Nominal value is 20.9 pF. Value increases by 1 pF for every 45 pF
reduction in Cpx/Cpy (based on 100 pF load)
Cpy
Self capacitance imbalance on Y
Cpds0
Self capacitance load to Driven Shield
Microchip recommends a maximum load of 100 pF on the Driven
Shield line. (1)
Note
1:
Please contact your Microchip representative for advice if you intend to use higher values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com