Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 89 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 89 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 85Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 86Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 87Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 88Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 89Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 90Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 91Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 92Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
 2018 Microchip Technology Inc.
DS40002054A-page 89
MXT1664T3 2.0
APPENDIX B:
REVISION HISTORY
Revision AX (January 2015)
Final edition for firmware revision 2.0 – Atmel Release version
Revision A (August 2018)
Reformatted edition for firmware revision 2.0 – Microchip Release version
This revision incorporates the following updates:
• Updated to Microchip datasheet format:
- “Pin configuration” moved to start of datasheet
- “To Our Valued Customers” added
- Section 15.0 “Packaging Information” updated with new headings. Part numbers moved to “Product
Identification System”
- Associated Documents moved to Appendix A “Associated Documents”
- Revision History moved to this appendix
- Index added
- “Product Identification System” added
- “The Microchip Web Site”, “Customer Change Notification Service” and “Customer Support” sections added
- Front and back covers updated
•Features:
- Typical touchscreen size updated
- Touch Sensor Technology section added
- Panel / cover glass support section replaced by Front Panel Material. Recommended panel thickness for
glass and plastic revised
- Advanced Touch Handling section merged into Touch Performance section. Burst Frequency and Scan
Speed one finger reporting rate added
- Application Interfaces: SPI Debug Interface added
- Design Services section added
- Other feature points rearranged
• “Pin configuration”:
-DBG_SS/TEST pin now recommends pull up to VddIO
- Pin listing tables updated to show power rail information
• Section 1.0 “Overview of mXT1664T3”:
- Touch detection description updated
• Section 2.0 “Schematics”:
- Schematic drawing modified to show the maximum number of decoupling capacitors required. Pull-up
resistors added for completeness to COMMSEL (USB mode) and TEST lines. Some pins rearranged
- Section 2.5.1 “Power Supply”: New section added
- Section 2.5.2 “Decoupling capacitors”: Advice on decoupling capacitors modified to recommend maximum
number of decoupling capacitors
- Section 2.5.3 “Pull-up Resistors”: New section added
- Section RESET Line removed (capacitor to GND no longer considered optional)
- Section 2.5.4 “Voltage Booster”: Information on 47 µH inductors added for low voltage mode
- Low Drop-Out Voltage Regulators (LDOs) section removed. Information moved to Section 11.0 “PCB Design
Considerations”
- Section I2C Interface removed (information moved elsewhere)
- Section 2.5.6 “XTAL_XOUT and XTAL_XIN” added
- Section 2.5.8 “GPIO Pins”: Updated with information moved from elsewhere
- Section 2.5.9 “SPI Debug Interface”: New section
• Circuit Components section removed and contents merged into Section 11.0 “PCB Design Considerations”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com