Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 43 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 43 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 39Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 40Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 41Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 42Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 43Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 44Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 45Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 46Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 43
FIGURE 9-6:
EXAMPLE OF A FOUR-BYTE READ COMMAND STARTING AT ADDRESS 0x1234
It is not necessary to set the address pointer before every read. The address pointer is updated automatically after every
read operation, so the address pointer will be correct if the reads occur in order.
Figure 9-7 shows the response to this command. The result status returned is 0x00 (that is the write operation was
completed and the data was returned). The number of bytes returned will be the same as the number requested (4 in
this case).
FIGURE 9-7:
RESPONSE TO EXAMPLE FOUR-BYTE READ
9.5.2
SEND AUTO-RETURN COMMAND
With this command the device can be configured to return new messages from the Message Processor T5 object
autonomously.
The packet sequence to do this is shown in Figure 9-8.
FIGURE 9-8:
SEND AUTO-RETURN – PACKET SEQUENCE
The data packet for Send Auto-return commands consists of 14 bytes, made up of a 1-byte HID-I2C report ID followed
by 13 bytes of data. Note that this is different to the packet for standard read/write operations described in Section 9.5.1
“Read/Write Memory Map Command”.
The command packet has the format given in Figure 9-9.
0x51
0x02
Number
of Bytes
to Write
0x04
0x34
0x12
Address Pointer
(LSByte, MSByte)
Number
of Bytes
to Read
Command
ID
Rpt ID
Unused Bytes
(12 Bytes)
0x00
0x00
...
0x00
0x04
Number
of Bytes
Read
Read Data
(4 Bytes)
0x96
0x9B
0xA0
0xA5
Result
Rpt ID
Unused Bytes
(11 Bytes)
0x00
0x00
...
Send Auto-return Command Packet
Response Packet
Message Data Packet
Message Data Packet
Message Data Packet
Null Packet to Terminate
Host
Device
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com