Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 17 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 17 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 13Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 14Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 15Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 16Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 17Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 18Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 19Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 20Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 17
2.0
SCHEMATICS
2.1
136-ball UFBGA – I2C Mode
See Section 2.5 “Schematic Notes”
X0
X1
X2
X3
X4
X5
X6
X7
X8
X9
X10
X11
X12
X13
X14
X15
X16
X17
X18
X19
X20
X21
X22
X23
X24
X25
X26
X27
X28
X29
X30
X31
GND
X0
B13
X2
B12
X3
A12
X4
C11
X5
B11
X6
A11
X7
C10
X8
B10
X9
A10
X10
C9
X11
B9
X12
A9
X13
C8
X14
B8
X15
C7
X16
B7
X1
A13
RESET
N5
X17
C6
X18
B6
X19
A6
X20
C5
X21
B5
X22
A5
X23
C4
X24
B4
X25
A4
X26
C3
X27
B3
X28
A3
X29
B2
X30
A2
X31
A1
SCL
M5
SDA
L5
USB_DM
K5
ADDSEL/USB_DP
M6
COMMSEL
L6
I2C_MODE
K6
NOISE_IN
H6
CHG
G6
GPIO0
F6
GPIO1
M7
GPIO2
L7
GPIO3
H7
DBG_CLK/XTAL_XIN
L8
DBG_DATA/XTAL_XOUT
H8
TEST/DBG_SS
G8
DS0
H10
GPIO5
M8
PTC_SIG
K8
PTCXY0
K9
PTCXY1
L9
PTCXT2
M9
PTCXY3
N9
GPIO4
F7
Not Used
Not Used
Not Used
Not Used
Not Used
GND
SCL
SDA
RESET
CHG
ADDSEL
GPIO0
GND
10nF
VDDIO
DBG_DATA
DBG_CLK
DBG_SS/TEST
I2CMODE
NOISE_IN
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GND
VDDIO
GND
VDD
GND
GND
GND
GND
2.2 uF
22nF
22 nF
2.2 uF
2.2uF
2.2 uF
22 nF
100nF
22 nF
AVDD
XVDD
MATRIX Y LINES
DRIVEN
SHIELD
MATRIX Y LINES
mXT1664T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com