Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 61 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 61 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 57Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 58Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 59Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 60Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 61Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 62Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 63Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 64Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 61
11.4
Voltage Regulators
Each supply rail requires a Low Drop-Out (LDO) voltage regulator, although an LDO can be shared where supply rails
share the same voltage level.
Figure 11-1 shows an example circuit for an LDO.
FIGURE 11-1:
EXAMPLE LDO CIRCUIT
An LDO regulator should be chosen that provides adequate output capability, low noise, good load regulation and step
response. The voltage regulators listed in Table 11-1 have been tested and found to work well with maXTouch devices.
If it is desired to use an alternative LDO, however, certain performance criteria should be verified before using the
device. These are:
• Stable with high value multi-layer ceramic capacitors on the output
• Low output noise – ideally less than 100 µVRMS over the range 10 Hz to 1 MHz
• Good load transient response – this should be less than 35 mV peak when a load step change of 100 mA is
applied at the device output terminal
• No-load stable – Some LDOs become unstable if the output current falls below a certain minimum. If this is the
case, then this minimum must be lower than the minimum current consumed by the mXT1664T3 (for example, in
deep sleep).
.
TABLE 11-1:
SUITABLE LDO REGULATORS
Manufacturer
Device
Current Rating (mA)
Microchip Technology Inc.
MCP1824
300
Microchip Technology Inc.
MCP1824S
300
Microchip Technology Inc.
MAQ5300
300
Microchip Technology Inc.
MCP1725
500
Microchip Technology Inc.
MIC5323
300
Analog Devices
ADP122/ADP123
300
Diodes Inc.
AP2125
300
Diodes Inc.
AP7335
300
Linear Technology
LT1763CS8-3.3
500
NXP
LD6836
300
Texas Instruments
LP3981
300
Note
1:
Some manufacturers claim that minimal or no capacitance is required for correct regulator operation. However, in all
cases, a minimum of a 1.0 µF ceramic, low ESR capacitor at the input and output of these devices should be used. The
manufacturer’s datasheets should always be referred to when selecting capacitors for these devices and the typical
recommended values, types and dielectrics adhered to.
2:
A“soft-start” regulator with excellent noise and load step regulation will be needed to satisfy the XVdd supply
requirements. 1% resistors should be used to define the nominal output voltage. If 5% resistors are used, the nominal
XVdd voltage must be reduced accordingly to ensure that the recommended voltage range is adhered to.
SUPPLY FROM HOST
GND
GND
GND
VIN
SHDN
VOUT
SENSE/ADI
BYP
SUPPLY TO MAXTOUCH DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com