Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 16 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 16 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 12Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 13Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 14Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 15Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 16Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 17Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 18Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 19Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 16
 2018 Microchip Technology Inc.
1.0
OVERVIEW OF MXT1664T3
The Microchip maXTouch family of touch controllers brings industry-leading capacitive touch performance to customer
applications. The mXT1664T3 features the latest generation of Microchip adaptive sensing technology that utilizes a
hybrid mutual and self capacitive sensing system in order to deliver unparalleled touch features and a robust user
experience.
• Patented capacitive sensing method – The mXT1664T3 uses a unique charge-transfer acquisition engine to
implement Microchip’s patented capacitive sensing method. Coupled with a state-of-the-art CPU, the entire
touchscreen sensing solution can measure, classify and track a number of individual finger touches with a high
degree of accuracy in the shortest response time.
• Capacitive Touch Engine (CTE) – The mXT1664T3 features an acquisition engine, which uses an optimal
measurement approach to ensure almost complete immunity from parasitic capacitance on the receiver input
lines. The engine includes sufficient dynamic range to cope with anticipated touchscreen self and mutual
capacitances, which allows great flexibility for use with the Microchip proprietary sensor pattern designs. One- and
two-layer ITO sensors are possible using glass or PET substrates.
• Touch detection – The mXT1664T3 allows for both mutual and self capacitance measurements, with the self
capacitance measurements being used to augment the mutual capacitance measurements to produce reliable
touch information.
When self capacitance measurements are enabled, touch classification is achieved using both mutual and self
capacitance touch data. This has the advantage that both types of measurement systems can work together to
detect touches under a wide variety of circumstances.
The system may be configured for different types of default measurements in both idle and active modes. For
example, the device may be configured for Mutual Capacitance Touch as the default in idle mode and Self
Capacitance Touch as the default in active mode. Note that other types of scans (such as other types of self
capacitance scans) may also be made depending on configuration.
Mutual capacitance touch data is used wherever possible to classify touches as this has greater granularity than self
capacitance measurements and provides positional information on touches. For this reason, multiple touches can
only be determined by mutual capacitance touch data. In Self Capacitance Touch Default mode, if the self
capacitance touch processing detects multiple touches, touchscreen processing is skipped until mutual capacitance
touch data is available.
Self capacitance measurements allow for the detection of touches in extreme cases, such as thick glove touches,
when mutual capacitance touch detection alone may miss touches.
• Display Noise Cancellation – A combination of analog circuitry, hardware noise processing, and firmware that
combats display noise without requiring additional listening channels or synchronization to display timing. This
enables the use of shieldless touch sensor stacks, including touch-on-lens.
• Noise filtering – Hardware noise processing in the capacitive touch engine provides enhanced autonomous
filtering and allows a broad range of noise profiles to be handled. The result is good performance in the presence
of charger and LCD noise.
• Processing power – The main CPU has two powerful microsequencer coprocessors under its control consuming
low power. This system allows the signal acquisition, preprocessing, postprocessing and housekeeping to be
partitioned in an efficient and flexible way.
• Interpreting user intention – The Microchip hybrid mutual and self capacitance method provides unambiguous
multitouch performance. Algorithms in the mXT1664T3 provide optimized touchscreen position filtering for the
smooth tracking of touches, responding to a user's intended touches while preventing false touches triggered by
ambient noise, conductive material on the sensor surface, such as moisture, or unintentional touches from the
user’s resting palm or fingers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com